PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
20MT120UF 20MT120UFPBF |
40 A, 1200 V, N-CHANNEL IGBT MTP, 18 PIN UltraFast NPT IGBT 1200V UltraFast 10-30 kHz Full-Bridge IGBT in a MTP package
|
Vishay Semiconductors IRF[International Rectifier]
|
IRG4BC30UPBF |
UltraFast Speed IGBT
|
International Rectifier
|
IRG4BC40UPBF |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
|
IRF[International Rectifier]
|
VS-GA200SA60UP |
Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
|
Vishay Siliconix
|
IRG4PC30UPBF |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT 绝缘栅双极晶体管IGBT的速度超快
|
International Rectifier, Corp.
|
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
AUIRGP65G40D0 |
ULTRAFAST IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
IRGB6B60K IRGS6B60K IRGSL6B60K |
600V UltraFast 10-30 kHz IGBT in a TO-220AB package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRGP30B60KD-E IRGP30B60KD-EP |
600V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4IBC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
CPV362MK |
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
|
IRF[International Rectifier]
|